Part Number Hot Search : 
AN4110 SB1520S PHC14500 2SD2689 ADM6993F 25L128 SK291 MRC370V4
Product Description
Full Text Search
 

To Download RSX101VA-301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RSX101VA-30
Diodes
Schottky barrier diode
RSX101VA-30
Applications General rectification External dimensions (Unit : mm)
0.170.1 0.05 1.30.05
Land size figure (Unit : mm)
1.1
1.90.1
2.50.2
Features 1) Small mold type. (TUMD2) 2) Low VF 3) High reliability.
TUMD2
Structure Construction Silicon epitaxial planar
0.80.05
ROHM : TUMD2 0.1 dot (year week factory) + day
0.60.2
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.750.1 1.550.1 0 0.250.05
3.50.05
8.00.2
1.430.05
4.00.1
1.00.2 0
2.75
2.80.05
0.90.08
Absolute maximum ratings (Ta=25C)
Param eter R evers e voltage (repetitive peak) Revers e voltage (DC) Average rectified forward current Forward current s urge peak 60Hz1cyc J unction tem perature S torage tem perature Sym bol VRM VR Io IFSM Tj Ts tg Lim its 30 30 1 5 150 -40 to +150 Unit V V A A
Electrical characteristics (Ta=25C)
Param eter Forward voltage Revers e current Sym bol VF IR 1 IR 2 Min. Typ. 0.43 15 40 Max. 0.47 40 200 Unit V A A IF =1A VR =5V VR =30V Conditions
0.8 0.5
2.0
Rev.B
1/3
RSX101VA-30
Diodes
Electrical characteristic curves (Ta=25C)
1000
Ta=150 Ta=125
1000000 Ta=150 100000 Ta=125
1000 f=1MHz
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(uA)
100 Ta=75 Ta=-25 10 Ta=25
10000 Ta=75 1000 100 10 1 0.1 0 5 10 15 20 25 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 30 Ta=25 Ta=-25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
100
10
1 0 100 200 300 400 500 600 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
1 0 10 20 30 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
450
500
200 Ta=25 VR=30V n=30pcs 190 180 170 160 150 140 130 120 110 100 IR DISPERSION MAP Ct DISPERSION MAP AVE:159.7pF Ta=25 f=1MHz VR=0V n=10pcs
FORWARD VOLTAGE:VF(mV)
REVERSE CURRENT:IR(uA)
440 430 420 410 AVE:423.3mV 400 VF DISPERSION MAP
350 300 250 200 150 100 50 0 AVE:36.59uA
30
30
CAPACITANCE BETWEEN TERMINALS:Ct(pF) PEAK SURGE FORWARD CURRENT:IFSM(A)
Ta=25 IF=1A n=30pcs
450 400
30 Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=10pcs 25 20 15 10 5 0 1 trr DISPERSION MAP 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100 Ifsm 8.3ms 8.3ms 1cyc
PEAK SURGE FORWARD CURRENT:IFSM(A)
25 20 15 10 5 0
Ifsm
1cyc 8.3ms
RESERVE RECOVERY TIME:trr(ns)
25 20 15 10 5 0
AVE:15.6A
AVE:10.4ns
IFSM DISRESION MAP
30
1000
Mounted on epoxy board IM=10mA IF=0.2A
1 0.8
25 20 15 10 5 0 1
Ifsm t
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
PEAK SURGE FORWARD CURRENT:IFSM(A)
1ms
time
FORWARD POWER DISSIPATION:Pf(W)
Rth(j-a)
D=1/2 0.6 Sin(180) 0.4 0.2 0 DC
300us
100
Rth(j-c)
10 TIME:t(ms) IFSM-t CHARACTERISTICS
100
10 0.001
0.01
1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
0.1
1000
0
0.5 1 1.5 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS
2
Rev.B
2/3
RSX101VA-30
Diodes
3 2.5 3 2.5 2 1.5 1 0.5 Sin(180) 0 0 10 20 30 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta) 0 0 25 50 75 100 125 CASE TEMPARATURE:Tc() Derating Curve(Io-Tc) 150 DC D=1/2 T 0A 0V Io t VR D=t/T VR=15V Tj=150 3 2.5 2 1.5 1 0.5 Sin(180) DC 0A 0V Io t T D=1/2 VR D=t/T VR=15V Tj=150
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
2 1.5 1 DC 0.5 Sin(180) D=1/2
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
REVERSE POWER DISSIPATION:PR (W)
Rev.B
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of RSX101VA-301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X